| Moteur de recherche de fiches techniques de composants électroniques |
|
AS6200C Fiches technique(PDF) 32 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS6200C Fiches technique(HTML) 32 Page - ams AG |
|
32 / 35 page ![]() Document Feedback AS6200C Package Drawings & Markings Datasheet • PUBLIC DS000563 • v2-01 • 2018-Apr-13 35 │ 32 8 Package Drawings & Markings Figure 36: WLCSP Package Outline Drawing Ref. Min Nom Max X 1450 1530 Y 960 1040 ax 325 dx 400 ay 280 dy 400 d 250 Thickness (after reflow) 525 (1) All dimensions are in millimeters. Angles in degrees. (2) Dimensioning and tolerance conform to ASME Y14.5M-1994. (3) This package contains no lead (Pb). (4) This drawing is subject to change without notice. RoHS Green |