| Moteur de recherche de fiches techniques de composants électroniques |
|
AS6200C Fiches technique(PDF) 19 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS6200C Fiches technique(HTML) 19 Page - ams AG |
|
19 / 35 page ![]() Document Feedback AS6200C Register Description Datasheet • PUBLIC DS000563 • v2-01 • 2018-Apr-13 35 │ 19 Figure 21: Alert Operation Modes The following table defines the content of the registers TLOW and THIGH. For data transmission, the MSB byte is transmitted first, followed by the LSB byte. The data format for representing the threshold temperatures is equal to the temperature register (TVAL). After a power-up, the registers are initialized with the following default values: ALERT output cleared ALERT output active ALERT output cleared ALERT output active T ≥ THIGH for N consecutive cycles Read operation or Set to sleep mode T ≤ TLOW for N consecutive cycles Read operation or Set to sleep mode Interrupt Mode ALERT output cleared ALERT output active Comparator Mode T ≥ THIGH for N consecutive cycles T ≤ TLOW for N consecutive cycles IM=1 IM=0 General Reset Command |