| Moteur de recherche de fiches techniques de composants électroniques |
|
AS6200C Fiches technique(PDF) 10 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS6200C Fiches technique(HTML) 10 Page - ams AG |
|
10 / 35 page ![]() Document Feedback AS6200C Typical Operating Characteristics Datasheet • PUBLIC DS000563 • v2-01 • 2018-Apr-13 35 │ 10 The current consumption for less than 4 conversions per second is lower than the values given in Figure 6. 5.2 Digital System Parameters Figure 7: Digital System Parameters of AS6200C Parameter Symbol Pins Min Max Unit Note High level input voltage V_IH SCL, ADD0 0.7 * VDD V Low level input voltage V_IL SCL,ADD0 0.3 * VDD V Low level output voltage V_OL Alert VSS+0.4 V I_OL=3mA High level input voltage V_IH SDA 0.7 * VDD V Low level input voltage V_IL SDA 0.3*VDD V Low level output voltage V_OL SDA VSS+0.4 V Tristate leakage current I_OZ SDA -10 10 µA to VSS In Figure 7 an overview of the digital system parameters is given. |