| Moteur de recherche de fiches techniques de composants électroniques |
|
L9679P Fiches technique(PDF) 222 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679P Fiches technique(HTML) 222 Page - STMicroelectronics |
|
222 / 272 page ![]() Electrical characteristics L9679P 222/272 DocID029275 Rev 1 Table 21. Configuration and control AC specifications No Symbol Parameter Conditions Min Typ Max Unit 1TFLT_VBATMONTH VBATMON thresholds deglitch filter time -26 30 34 μs 2TFLT_VINGOOD_UP VIN Good thresholds deglitch filter time rising edge - 3 3.5 4 μs 3 TFLT_VINGOOD_DO WN_L VIN Good thresholds deglitch filter time falling edge SYS_CFG(VINGOOD_FILT_SEL) = 0 - 1 - μs 4 TFLT_VINGOOD_DO WN_H VIN Good thresholds deglitch filter time falling edge SYS_CFG(VINGOOD_FILT_SEL) = 1 3 3.5 4 μs 6TFLT_VINBAD_DOWN VIN Bad thresholds deglitch filter time falling edge - 3 3.5 4 μs 7TFLT_VINBAD_UP VIN Bad thresholds deglitch filter time rising edge -26 30 34 μs 8TVINGOOD_BLK VIN Good Thresholds blanking time -26 30 34 μs 9 TFLT_VINSYNCDIS_D OWN VIN SyncBoost Disable deglitch filter time falling edge - 3.3 - 4.2 μs 10 TFLT_ VINSYNCDIS _UP VIN SyncBoost Disable deglitch filter time rising edge - 9.5 - 11 μs 11 TFLT_WAKEUP Wakeup deglitch filter time - 0.95 1.05 1.15 ms 12 TLATCH_WAKEUP Wakeup latch time - 9.7 10.8 11.9 ms 13 TPWRUP Power-up Delay Time – Wake-up to RESET released -- - 10 ms |