| Moteur de recherche de fiches techniques de composants électroniques |
|
L9679P Fiches technique(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679P Fiches technique(HTML) 46 Page - STMicroelectronics |
|
46 / 272 page ![]() Start-up and power control L9679P 46/272 DocID029275 Rev 1 In case of loss of ground the FET is not turned on. Loss of ground can be detected also when the FET is off thanks to a pull-up current present on the BSTGND pin. The FET will be automatically reactivated as soon as ground connection is restored. Over-voltage protection from load dump and inductive flyback is provided via an active clamp and a SYNC_Boost disable circuitry, see Figure 20. Figure 20. SYNCBOOST regulator block diagram Figure 21. SYNCBOOST regulator state diagram |