| Moteur de recherche de fiches techniques de composants électroniques |
|
L9679P Fiches technique(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679P Fiches technique(HTML) 57 Page - STMicroelectronics |
|
57 / 272 page ![]() 0 1000100 $44 R/W GPOCTRL1 General Purpose Output 1 control register X X X X X 0 1000101 $45 R/W GPOCTRL2 General Purpose Output 2 control register X X X X X 0 1000110 $46 R GPOFLTSR General Purpose Output fault status register 0 1000111 $47 0 1001000 $48 R ISOFLTSR ISOK Fault Status Register X 0 1001001 $49 0 1001010 $4A R/W RSCR0 PSI5/WSS configuration register X 0 1001011 $4B R/W RSCR1 X 0 1001100 $4C 0 1001101 $4D 0 1001110 $4E R/W RSCTRL Remote sensor control register X X X X 0 1001111 $4F 0 1010000 $50 0 1010001 $51 0 1010010 $52 0 1010011 $53 0 1010100 $54 0 1010101 $55 0 1010110 $56 0 1010111 $57 0 1011000 $58 0 1011001 $59 0 1011010 $5A 0 1011011 $5B 0 1011100 $5C Table 6. Global SPI register map (continued) GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Ssafing Scrap Arming |