Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9679P Fiches technique(PDF) 82 Page - STMicroelectronics

No de pièce L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Fiches technique(HTML) 82 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 78Page - STMicroelectronics L9679P Datasheet HTML 79Page - STMicroelectronics L9679P Datasheet HTML 80Page - STMicroelectronics L9679P Datasheet HTML 81Page - STMicroelectronics L9679P Datasheet HTML 82Page - STMicroelectronics L9679P Datasheet HTML 83Page - STMicroelectronics L9679P Datasheet HTML 84Page - STMicroelectronics L9679P Datasheet HTML 85Page - STMicroelectronics L9679P Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 272 page
background image
SPI interfaces
L9679P
82/272
DocID029275 Rev 1
7.3.8
Deployment command (DEPCOM)
ID:
12
Type:
R/W
Read:
1200
Write:
0024
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-X
X
X
X
MISO
00000000
CHxDEPREQ N/A N/A N/A Channel x Deploy Request - non-latched channel-specific deploy request
0 No change to deployment control for channel x
1 Clear and start Expiration timer if in ARMING or SAFING state and in
DEPLOY_ENABLED state
CHxDEP
0
0
0 Channel x deployment expiration timer enable
Set when SPI_DEPCOM(CHxDEPREQ=1) AND in ARMING or SAFING state
AND in DEP_ENABLED state
Cleared on SSM_RESET OR when in DEP_DISABLED state OR when
Deploy Expiration Timer x reaches timeout threshold
1 Expiration timer enabled - Deploy command still valid
0 Expiration Timer disabled - Deploy command no more valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More