Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9679P Fiches technique(PDF) 218 Page - STMicroelectronics

No de pièce L9679P
Description  Automotive advanced airbag IC for mid/high end applications
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Fiches technique(HTML) 218 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 214Page - STMicroelectronics L9679P Datasheet HTML 215Page - STMicroelectronics L9679P Datasheet HTML 216Page - STMicroelectronics L9679P Datasheet HTML 217Page - STMicroelectronics L9679P Datasheet HTML 218Page - STMicroelectronics L9679P Datasheet HTML 219Page - STMicroelectronics L9679P Datasheet HTML 220Page - STMicroelectronics L9679P Datasheet HTML 221Page - STMicroelectronics L9679P Datasheet HTML 222Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 272 page
background image
Temperature sensor
L9679P
218/272
DocID029275 Rev 1
16
Temperature sensor
The L9679P provides an internal analog temperature sensor. The sensor is aimed to have a
reference for the average junction temperature on silicon surface. The sensor is placed far
away from power dissipating stages and squib deployment drivers. The output of the
temperature sensor is available via SPI through ADC conversion, as shown in Table 18. The
formula to calculate temperature from ADC reading is the following one:
T
C

180
220
1.652
---------------


ADCREF
2
ADCRES
------------------------ DIAGCTRLn ADCRESn




0.739
–



–
=
@ DIAGCTRLn(ADCREQn) = 0Ahex
All parametric requirements for this block can be found in specification tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More