| Moteur de recherche de fiches techniques de composants électroniques |
|
L9679P Fiches technique(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679P Fiches technique(HTML) 70 Page - STMicroelectronics |
|
70 / 272 page ![]() SPI interfaces L9679P 70/272 DocID029275 Rev 1 0 Internal 1 External HI_LEV_DIAG_TIME 0 0 0 Selection of duration of high level squib diagnostics 0 Short time (see high level diag diagram) 1 Long time (see high level diag diagram) RSU_SYNCPULSE_ SHIFT_CONF 0 0 0 Selection of sync pulses shift duration 0 Long time 1 Short time SQMEAS 00 00 00 Sample number in DC sensor, squib measurement and temperature conversions Updated by SSM_RESET or SPI write 00 8 samples 01 16 samples 10 4 samples 11 2 sample VMEAS 00 00 00 Sample number in any other voltage measurement conversions Updated by SSM_RESET or SPI write 00 4 samples 01 16 samples 10 8 samples 11 1 sample DCS_PAD_V 0 0 0 Passenger inhibit measurement mode 0 Current 1 Voltage SAFESEL 1 1 1 Safing engine mode select Updated by SSM_RESET or SPI write 0 Internal safing engine 1 external safing engine |