| Moteur de recherche de fiches techniques de composants électroniques |
|
L9679P Fiches technique(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679P Fiches technique(HTML) 98 Page - STMicroelectronics |
|
98 / 272 page ![]() SPI interfaces L9679P 98/272 DocID029275 Rev 1 7.3.28 Diagnostic result register for deployment loops (LPDIAGSTAT) ID: 37 Type: R Read: 3700 Write: - 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI -X X X X X X X X X X X X X X X X MISO 0FP DIAG_LEVEL 0 0 0 Diagnostic mode selector Not present for low level diagnostic Updated by SSM_RESET or SPI write to LPDIAGREQ 0 low level mode 1 high level mode TIP 0 0 0 High level diagnostic test is running Updated by SSM_RESET or Loops diagnostic state machine 0 High level diagnostic test is not running 1 High level diagnostic test is running FP 0 0 0 Fault present before requested diagnostic Updated by SSM_RESET or Loops diagnostic state machine 0 Fault not present before requested diagnostic 1 Fault present before requested diagnostic FETON 0 0 0 FET activation during diagnostic Updated by SSM_RESET or Loops diagnostic state machine or when HS or LS FET is activated during DIAG state |