Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9925BBCZ Fiches technique(PDF) 26 Page - Analog Devices

No de pièce AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Fiches technique(HTML) 26 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 22Page - Analog Devices AD9925BBCZ Datasheet HTML 23Page - Analog Devices AD9925BBCZ Datasheet HTML 24Page - Analog Devices AD9925BBCZ Datasheet HTML 25Page - Analog Devices AD9925BBCZ Datasheet HTML 26Page - Analog Devices AD9925BBCZ Datasheet HTML 27Page - Analog Devices AD9925BBCZ Datasheet HTML 28Page - Analog Devices AD9925BBCZ Datasheet HTML 29Page - Analog Devices AD9925BBCZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 96 page
background image
AD9925
Rev. A | Page 26 of 96
.
ld area temporarily stops the pixel counter for the
uring the masking area.
nd Fig
eration is controlled in the
tical se
ce re
s (VSEQ
tion.
Hold Area Using FREEZE/RESUME Registers
The FREEZE/RESUME registers can also be used to create a
hold area, in which the XV outputs are temporarily held and
then later continued starting at the point where they were held
As shown in Figure 34 and Figure 35, this is different than the
VMASK, because the XV outputs continue from where they
stopped rather than continuing from where they would have
been. The ho
XV outputs, while the v-masking allows the counter to continue
d
XV7 and XV8 may or may not use the hold area, as shown in
Figure 34 a
ure 35. The hold op
Bank 3 ver
quen
gisters, described in the Vertical
Sequence
) sec
XV1
XV6
HD
1. WHEN HOLD = 1 FOR ANY V-SEQUENCE, THE FREEZE AND RESUME REGISTERS ARE USED TO SPECIFY THE HOLD AREA BOUNDRIES.
2. WHEN XV78HOLDEN = 0, XV7 AND XV8 DO NOT USE THE HOLD AR
V6. H-COUNTER FOR XV1–XV6 WILL STOP DURING HOLD AREA.
NOTES
EA, ONLY XV1–X
HOLD AREA
FOR XV1–XV6
XV7
XV8
NO HOLD
AREA FOR
XV7–XV8
FREEZE
RESUME
Figure 34. Vertical Hold Area Using the FREEZE/RESUME Registers
XV1
XV6
HD
NOTES
1. WHEN HOLD = 1 FOR ANY VERTICAL SEQUENCE, THE FREEZE AND RESUME REGISTERS ARE USED TO SPECIFY THE HOLD AREA BOUNDRIES.
2. WHEN XV78HOLDEN = 1, XV7 AND XV8 ALSO USE THE HOLD AREA. H-COUNTER FOR XV1 TO XV8 WILL STOP DURING HOLD AREA.
XV7
HOLD AREA
FOR XV1 TO XV8
XV8
FREEZE
RESUME
Figure 35. Apply Hold Area to XV7 and XV8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96