Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9925BBCZ Fiches technique(PDF) 82 Page - Analog Devices

No de pièce AD9925BBCZ
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZ Fiches technique(HTML) 82 Page - Analog Devices

Back Button AD9925BBCZ Datasheet HTML 78Page - Analog Devices AD9925BBCZ Datasheet HTML 79Page - Analog Devices AD9925BBCZ Datasheet HTML 80Page - Analog Devices AD9925BBCZ Datasheet HTML 81Page - Analog Devices AD9925BBCZ Datasheet HTML 82Page - Analog Devices AD9925BBCZ Datasheet HTML 83Page - Analog Devices AD9925BBCZ Datasheet HTML 84Page - Analog Devices AD9925BBCZ Datasheet HTML 85Page - Analog Devices AD9925BBCZ Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 96 page
background image
AD9925
Rev. A | Page 82 of 96
Table 69. Field 1 Register Map
Address
Data Bit Content
Default Value
Register Name
Register Description
D8
[3:0]
[4]
[5]
[9:6]
[10]
[11]
[15:12]
[16]
[17]
[21:18]
[22]
[23]
X
X
X
X
X
X
X
X
X
X
X
X
VSEQSEL0_1
SWEEP0_1
MULTI0_1
VSEQSEL1_1
SWEEP1_1
MULTI1_1
VSEQSEL2_1
SWEEP2_1
MULTI2_1
VSEQSEL3_1
SWEEP3_1
MULTI3_1
Selected Vertical Sequence for Region 0.
Select Sweep Region for Region 0. 0 = No Sweep, 1 = Sweep.
Select Multiplier Region for Region 0. 0 = No Multiplier, 1 = Multiplier.
Selected Vertical Sequence for Region 1.
Select Sweep Region for Region 1. 0 = No Sweep, 1 = Sweep.
Select Multiplier Region for Region 1. 0 = No Multiplier, 1 = Multiplier.
Selected Vertical Sequence for Region 2.
Select Sweep Region for Region 2. 0 = No Sweep, 1 = Sweep.
Select Multiplier Region for Region 2. 0 = No Multiplier, 1 = Multiplier.
Selected Vertical Sequence for Region 3.
Select Sweep Region for Region 3. 0 = No Sweep, 1 = Sweep.
Select Multiplier Region for Region 3. 0 = No Multiplier, 1 = Multiplier.
D9
[3:0]
[4]
[5]
[9:6]
[10]
[11]
[15:12]
[16]
[17]
[23:18]
X
X
X
X
X
X
X
X
X
VSEQSEL4_1
SWEEP4_1
MULTI4_1
VSEQSEL5_1
SWEEP5_1
MULTI5_1
VSEQSEL6_1
SWEEP6_1
MULTI6_1
UNUSED
Selected Vertical Sequence for Region 4.
Select Sweep Region for Region 4. 0 = No Sweep, 1 = Sweep.
Select Multiplier Region for Region 4. 0 = No Multiplier, 1 = Multiplier.
Selected Vertical Sequence for Region 5.
Select Sweep Region for Region 5. 0 = No Sweep, 1 = Sweep.
Select Multiplier Region for Region 5. 0 = No Multiplier, 1 = Multiplier.
Selected Vertical Sequence for Region 6.
Select Sweep Region for Region 6. 0 = No Sweep, 1 = Sweep.
Select Multiplier Region for Region 6. 0 = No Multiplier, 1 = Multi-
plier. Unused.
DA
[11:0]
[23:12]
X
X
SCP1_1
SCP2_1
Vertical Sequence Change Position No. 1 for Field 1.
Vertical Sequence Change Position No. 2 for Field 1.
DB
[11:0]
[23:12]
X
X
SCP3_1
SCP4_1
Vertical Sequence Change Position No. 3 for Field 1.
Vertical Sequence Change Position No. 4 for Field 1.
DC
[11:0]
[23:12]
X
X
VDLEN_1
HDLAST_1
VD Field Length (Number of Lines) for Field 1.
HD Line Length (Number of Pixels) for Last Line in Field 1.
DD
[3:0]
[9:4]
[21:10]
[22]
X
X
X
X
VPATSECOND_1
SGMASK_1
SGPATSEL_1
HDLAST13_1
Selected Second Vertical Pattern Group for VSG Active Line.
Masking of VSG Outputs during VSG Active Line.
Selection of VSG Patterns for Each VSG Output.
MSB for 13-Bit Last Line Length
DE
[11:0]
[23:12]
X
X
1
VSG Active Line 1.
VSG Active Line 2.
(If No Second Line Is Needed, Set to Same as Line 1 or Maximum).
SGLINE1_
SGLINE2_1
DF
[11:0]
[23:12]
X
X
SCP5_1
SCP6_1
Vertical Sequence Change Position No. 5 for Field 1.
Vertical Sequence Change Position No. 6 for Field 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96