| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9925BBCZ Fiches technique(PDF) 83 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9925BBCZ Fiches technique(HTML) 83 Page - Analog Devices |
|
83 / 96 page ![]() AD9925 Rev. A | Page 83 of 96 Table 70. Field 2 Register Map Address Data Bit Content Default Value Register Name Register Description E0 [3:0] [4] [5] [9:6] [10] [11] [15:12] [16] [17] [21:18] [22] [23] X X X X X X X X X X X X VSEQSEL_2 SWEEP0_2 MULTI0_2 VSEQSEL1_2 SWEEP1_2 MULTI1_2 VSEQSEL2_2 SWEEP2_2 MULTI2_2 VSEQSEL3_2 SWEEP3_2 MULTI3_2 Selected Vertical Sequence for Region 0 Sequence for Region 1. Select Sweep Region for Region 0. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 0. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 1. Select Sweep Region for Region 1. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 1. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 2. Vertical Select Sweep Region for Region 2. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 2. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 3. Select Sweep Region for Region 3. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 3. 0 = No Multiplier, 1 = Multiplier. E1 [3:0] [4] [5] [9:6] [10] [11] [15:12] [16] [17] [23:18] X X X X X X X X X VSEQSEL4_2 SWEEP4_2 MULTI4_2 VSEQSEL5_2 SWEEP5_2 MULTI5_2 VSEQSEL6_2 SWEEP6_2 MULTI6_2 UNUSED Selected Vertical Sequence for Region 4. Select Sweep Region for Region 4. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 4. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 5. Select Sweep Region for Region 5. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 5. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 6. Select Sweep Region for Region 6. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 6. 0 = No Multiplier, 1 = Multi- plier. Unused. E2 [11:0] [23:12] X X SCP1_2 SCP2_2 Vertical Sequence Change Position No. 1 for Field 2. Vertical Sequence Change Position No. 2 for Field 2. E3 [11:0] [23:12] X X SCP3_2 SCP4_2 Vertical Sequence Change Position No. 3 for Field 2. Vertical Sequence Change Position No. 4 for Field 2. E4 [11:0] [23:12] X X VDLEN0_2 HDLAST_2 VD Field Length (Number of Lines) for Field 2. HD Line Length (Number of Pixels) for Last Line in Field 2. E5 [3:0] [9:4] [21:10] [22] X X X X VPATSECOND_2 SGMASK_2 SGPATSEL_2 HDLAST13_2 Selected Second Vertical Pattern Group for VSG Active Line. Masking of VSG Outputs during VSG Active Line. Selection of VSG Patterns for Each VSG Output. MSB for 13-Bit Last Line Length E6 [11:0] [23:12] X X SGLINE1_2 SGLINE2_2 VSG Active Line 1. VSG Active Line 2. (If No Second Line Is Needed, Set to Same as Line 1 or Maximum). E7 [11:0] [23:12] X X SCP5_2 SCP6_2 Vertical Sequence Change Position No. 5 for Field 2. Vertical Sequence Change Position No. 6 for Field 2. |