| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9925BBCZ Fiches technique(PDF) 85 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9925BBCZ Fiches technique(HTML) 85 Page - Analog Devices |
|
85 / 96 page ![]() AD9925 Rev. A | Page 85 of 96 Table 72. Field 4 Register Map Address Data Bit Content Default Value Register Name Register Description F0 [3:0] [4] [5] [9:6] [10] [11] [15:12] [16] [17] [21:18] [22] [23] X X X X X X X X X X X X VSEQSEL0_4 SWEEP0_4 MULTI0_4 VSEQSEL1_4 SWEEP1_4 MULTI1_4 VSEQSEL2_4 SWEEP2_4 MULTI2_4 VSEQSEL3_4 SWEEP3_4 MULTI3_4 Selected Vertical Sequence for Region 0. Select Sweep Region for Region 0. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 0. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 1. Select Sweep Region for Region 1. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 1. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 2. Select Sweep Region for Region 2. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 2. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 3. Select Sweep Region for Region 3. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 3. 0 = No Multiplier, 1 = Multiplier. F1 [3:0] [4] [5] [9:6] [10] [11] [15:12] [16] [17] [23:18] X X X X X X X X X VSEQSEL4_4 SWEEP4_4 MULTI4_4 VSEQSEL5_4 SWEEP5_4 MULTI5_4 VSEQSEL6_4 SWEEP6_4 MULTI6_4 UNUSED Selected Vertical Sequence for Region 4. Select Sweep Region for Region 4. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 4. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 5. Select Sweep Region for Region 5. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 5. 0 = No Multiplier, 1 = Multiplier. Selected Vertical Sequence for Region 6. Select Sweep Region for Region 6. 0 = No Sweep, 1 = Sweep. Select Multiplier Region for Region 6. 0 = No Multiplier, 1 = Multiplier. Unused. F2 [11:0] [23:12] X X SCP1_4 SCP2_4 Vertical Sequence Change Position No. 1 for Field 4. Vertical Sequence Change Position No. 2 for Field 4. F3 [11:0] [23:12] X X SCP3_4 SCP4_4 Vertical Sequence Change Position No. 3 for Field 4. Vertical Sequence Change Position No. 4 for Field 4. F4 [11:0] [23:12] X X VDLEN_4 HDLAST_4 VD Field Length (Number of Lines) for Field 4. HD Line Length (Number of Pixels) for Last Line in Field 4. F5 [3:0] [9:4] [21:10] [22] X X X X VPATSECOND_4 SGMASK_4 SGPATSEL_4 HDLAST13_4 Selected Second Vertical Pattern Group for VSG Active Line. Masking of VSG Outputs during VSG Active Line. Selection of VSG Patterns for Each VSG Output. MSB for 13-Bit Last Line Length F6 [11:0] [23:12] X X SGLINE1_4 SGLINE2_4 VSG Active Line 1. VSG Active Line 2. (If No Second Line Is Needed, Set to Same as Line 1 or Maximum). F7 [11:0] [23:12] X X SCP5_4 SCP6_4 Vertical Sequence Change Position No. 5 for Field 4. Vertical Sequence Change Position No. 6 for Field 4. |