| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9925BBCZ Fiches technique(PDF) 56 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9925BBCZ Fiches technique(HTML) 56 Page - Analog Devices |
|
56 / 96 page ![]() AD9925 Rev. A | Page 56 of 96 n—Vertical and Shutter Outputs (Pr 1, 2 T = Lo Table 35. Standby Mode Operatio ogrammable Polarities Available) w2 I/O Block Standby 3 (Default) OUT_CON , 3 Standby 23 Standby 13 XV1 Low Low Low Low XV8 Low Low Low Low XV3 Low Low Low Low XV7 Low Low Low Low XV6 Low High High High XSG6 Low High High High XV5 Low High High High XV4 Low High High High XSG5 Low High High High XSG4 Low High High High XV2 Low High High High XSG3 Low High High High XSG1 Low High High High XSG2 Low High High High SUBCK Low High High High VSUB Low Low Low Low MSHUT Low Low Low Low STROBE Low Low Low Low 1 Polarities for vertical and shutter outputs are programmable for each standby mode, using the STBYPOL registers. 2 Default register values are: STBY3POL = Bin 00000000000000000 = 0x00 OCONTPOL = STBY2POL = STBY1POL = Bin 000011111111111000 = 0x3FF8 3 Bit assignments for programming polarity registers: (MSB) XV1, XV8, XV3, XV7, XV6, XSG6, XV5, XV4, XSG5, XSG4, XV2, XSG3, XSG1, XSG2, SUBCK, VSUB, MSHUT, and STROBE (LSB). |