| Moteur de recherche de fiches techniques de composants électroniques |
|
CS7654 Fiches technique(PDF) 17 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS7654 Fiches technique(HTML) 17 Page - Cirrus Logic |
|
17 / 62 page ![]() CS7654 17 NTSC Interlaced The CS7654 supports analog NTSC-M, NTSC-J and PAL-M modes where there are 525 total lines per frame and two fixed 262.5-line fields per frame and 30 total frames occurring per second. NTSC in- terlaced vertical timing is illustrated in Figure 5. Each field consists of one line for closed caption, 240 active lines of video, plus 21.5 lines of blank- ing. Mode Field Active Lines NTSC 1, 3; 2, 4 22-261; 285-524 PAL 1, 3, 5, 7; 2, 4, 6, 8 23-310; 336-623 NTSC Progressive-Scan NA 22-261 PAL Progressive-Scan NA 23-310 Table 3. Vertical Timing NTSC Vertical Timing (odd field) Line HSYNC VSYNC FIELD 3 4 5 6 7 8 9 10 NTSC Vertical Timing (even field) PAL Vertical Timing (odd field) PAL Vertical Timing (even field) 264 265 266 267 268 269 270 271 265 1 2 3 4 5 6 7 311 312 313 314 315 316 317 318 Line HSYNC VSYNC FIELD Line HSYNC VSYNC FIELD Line HSYNC VSYNC FIELD Figure 4. Vertical Timing |