Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE812A Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce STMPE812A
Description  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812A Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button STMPE812A Datasheet HTML 21Page - STMicroelectronics STMPE812A Datasheet HTML 22Page - STMicroelectronics STMPE812A Datasheet HTML 23Page - STMicroelectronics STMPE812A Datasheet HTML 24Page - STMicroelectronics STMPE812A Datasheet HTML 25Page - STMicroelectronics STMPE812A Datasheet HTML 26Page - STMicroelectronics STMPE812A Datasheet HTML 27Page - STMicroelectronics STMPE812A Datasheet HTML 28Page - STMicroelectronics STMPE812A Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
STMPE812A
ADC controller
Doc ID 18225 Rev 4
25/53
9
ADC controller
A 12-bit ADC is integrated in the STMPE812A. The ADC could be used as generic analog-
digital converter, or a touchscreen controller capable of controlling a 4-wire resistive
touchscreen.
The ADC works ONLY with internal reference (equal to VCC), always 12 bit.
Table 9.
ADC controller registers
Address
Register name
Bit
Type
Reset
Description
0x20
ADC control
8
R/W
0x33
ADC control
0x21-0x22
ADC data
16
R
0x0000
ADC data access (P1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53