Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE812A Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce STMPE812A
Description  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812A Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button STMPE812A Datasheet HTML 10Page - STMicroelectronics STMPE812A Datasheet HTML 11Page - STMicroelectronics STMPE812A Datasheet HTML 12Page - STMicroelectronics STMPE812A Datasheet HTML 13Page - STMicroelectronics STMPE812A Datasheet HTML 14Page - STMicroelectronics STMPE812A Datasheet HTML 15Page - STMicroelectronics STMPE812A Datasheet HTML 16Page - STMicroelectronics STMPE812A Datasheet HTML 17Page - STMicroelectronics STMPE812A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
Charge pump
STMPE812A
14/53
Doc ID 18225 Rev 4
4
Charge pump
The STMPE812A is integrated with an internal charge-pump. The charge pump is required
for any ADC/TSC operations when VCC is less than 2.5 V.
Activating the charge pump when VCC > 2.5 V may result in permanent damage of the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53