Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE812A Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STMPE812A
Description  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812A Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STMPE812A Datasheet HTML 9Page - STMicroelectronics STMPE812A Datasheet HTML 10Page - STMicroelectronics STMPE812A Datasheet HTML 11Page - STMicroelectronics STMPE812A Datasheet HTML 12Page - STMicroelectronics STMPE812A Datasheet HTML 13Page - STMicroelectronics STMPE812A Datasheet HTML 14Page - STMicroelectronics STMPE812A Datasheet HTML 15Page - STMicroelectronics STMPE812A Datasheet HTML 16Page - STMicroelectronics STMPE812A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
STMPE812A
Power supply
Doc ID 18225 Rev 4
13/53
3
Power supply
The STMPE812A GPIO operates from a supply pin VCC. For better resolution and noise
immunity, VCC above 2.8 V is recommended.
Power up reset
The STMPE812A is equipped with an internal POR circuit that holds the device in reset
state, until the VCC supply input is valid. The internal POR is tied to the VCC supply pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53