Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE812A Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce STMPE812A
Description  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812A Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button STMPE812A Datasheet HTML 17Page - STMicroelectronics STMPE812A Datasheet HTML 18Page - STMicroelectronics STMPE812A Datasheet HTML 19Page - STMicroelectronics STMPE812A Datasheet HTML 20Page - STMicroelectronics STMPE812A Datasheet HTML 21Page - STMicroelectronics STMPE812A Datasheet HTML 22Page - STMicroelectronics STMPE812A Datasheet HTML 23Page - STMicroelectronics STMPE812A Datasheet HTML 24Page - STMicroelectronics STMPE812A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
STMPE812A
Interrupt system
Doc ID 18225 Rev 4
21/53
8
Interrupt system
The STMPE812A uses a 2-tier interrupt structure. In normal mode, interrupts from the GPIO
and touchscreen controller assert the INT pin and are available in the Interrupt Status
register (ISR).
In pen down mode, the INT pin is asserted as long as pen down is detected.
Since the INT pin is a OR function of the pen down and all other enabled interrupts, in order
for INT pin to provide the exclusive indication of pen down (INT = Low) and pen up
(INT = High), as such benefit from minimal I2C transactions, it is recommended to use pen
down mode when the GPIO/PWM/ADC functions are not required or the GPIO/PWM/ADC
interrupts are disabled.
Figure 7.
Interrupt system diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53