Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L431 Fiches technique(PDF) 77 Page - STMicroelectronics

No de pièce STM32L431
Description  RTC with HW calendar, alarms and calibration
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L431 Fiches technique(HTML) 77 Page - STMicroelectronics

Back Button STM32L431 Datasheet HTML 73Page - STMicroelectronics STM32L431 Datasheet HTML 74Page - STMicroelectronics STM32L431 Datasheet HTML 75Page - STMicroelectronics STM32L431 Datasheet HTML 76Page - STMicroelectronics STM32L431 Datasheet HTML 77Page - STMicroelectronics STM32L431 Datasheet HTML 78Page - STMicroelectronics STM32L431 Datasheet HTML 79Page - STMicroelectronics STM32L431 Datasheet HTML 80Page - STMicroelectronics STM32L431 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 200 page
background image
DocID028800 Rev 1
77/200
STM32L431xx
Memory mapping
77
APB1
0x4000 2C00 - 0x4000 2FFF
1 KB
WWDG
0x4000 2800 - 0x4000 2BFF
1 KB
RTC
0x4000 1800 - 0x4000 27FF
4 KB
Reserved
0x4000 1400 - 0x4000 17FF
1 KB
TIM7
0x4000 1000 - 0x4000 13FF
1 KB
TIM6
0x4000 0400- 0x4000 0FFF
3 KB
Reserved
0x4000 0000 - 0x4000 03FF
1 KB
TIM2
1. The gray color is used for reserved boundary addresses.
Table 17. STM32L431xx memory map and peripheral register boundary addresses
Bus
Boundary address
Size(bytes)
Peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More