| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L431 Fiches technique(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L431 Fiches technique(HTML) 54 Page - STMicroelectronics |
|
54 / 200 page ![]() Pinouts and pin description STM32L431xx 54/200 DocID028800 Rev 1 Table 14. STM32L431xx pin definitions Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions --- - - - - 1 B2 PE2 I/O FT - TRACECK, TSC_G7_IO1, SAI1_MCLK_A, EVENTOUT - --- - - - - 2 A1 PE3 I/O FT - TRACED0, TSC_G7_IO2, SAI1_SD_B, EVENTOUT - --- - - - - 3 B1 PE4 I/O FT - TRACED1, TSC_G7_IO3, SAI1_FS_A, EVENTOUT - --- - - - - 4 C2 PE5 I/O FT - TRACED2, TSC_G7_IO4, SAI1_SCK_A, EVENTOUT - --- - - - - 5 D2 PE6 I/O FT - TRACED3, SAI1_SD_A, EVENTOUT RTC_TAMP3, WKUP3 - 1 1 B6 B7 1 B2 6 E2 VBAT S - - - - - 2 2B7 B82 A2 7 C1 PC13 I/O FT (1) (2) EVENTOUT RTC_TAMP1, RTC_TS, RTC_OUT, WKUP2 2 3 3 C7 C8 3 A1 8 D1 PC14- OSC32_I N (PC14) I/O FT (1) (2) EVENTOUT OSC32_IN 3 4 4 C6 C7 4 B1 9 E1 PC15- OSC32_ OUT (PC15) I/O FT (1) (2) EVENTOUT OSC32_OUT --- - - - - 10 F2 VSS S - - - - --- - - - - 11 G2 VDD S - - - - - 5 5D7 D85 C1 12 F1 PH0- OSC_ IN (PH0) I/O FT - EVENTOUT OSC_IN - 6 6D6 D76 D1 13 G1 PH1- OSC_ OUT (PH1) I/O FT - EVENTOUT OSC_OUT 4 7 7 D5 D6 7 E1 14 H2 NRST I/O RST - - - |