| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L431 Fiches technique(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L431 Fiches technique(HTML) 60 Page - STMicroelectronics |
|
60 / 200 page ![]() Pinouts and pin description STM32L431xx 60/200 DocID028800 Rev 1 --- - F3 39 E8 65 E10 PC8 I/O FT - TSC_G4_IO3, SDMMC1_D0, EVENTOUT - --- - E2 40 D8 66 D12 PC9 I/O FT - TSC_G4_IO4, SDMMC1_D1, EVENTOUT - 18 29 29 D1 E3 41 D7 67 D11 PA8 I/O FT - MCO, TIM1_CH1, USART1_CK, SWPMI1_IO, SAI1_SCK_A, LPTIM2_OUT, EVENTOUT - 19 30 30 D2 D1 42 C7 68 D10 PA9 I/O FT_f - TIM1_CH2, I2C1_SCL, USART1_TX, SAI1_FS_A, TIM15_BKIN, EVENTOUT - 20 31 31 C2 D2 43 C6 69 C12 PA10 I/O FT_f - TIM1_CH3, I2C1_SDA, USART1_RX, SAI1_SD_A, EVENTOUT - 21 32 32 C1 D3 44 C8 70 B12 PA11 I/O FT_u - TIM1_CH4, TIM1_BKIN2, SPI1_MISO, COMP1_OUT, USART1_CTS, CAN1_RX, TIM1_BKIN2_COMP1, EVENTOUT - 22 33 33 C3 C1 45 B8 71 A12 PA12 I/O FT_u - TIM1_ETR, SPI1_MOSI, USART1_RTS_DE, CAN1_TX, EVENTOUT - 23 34 34 B2 C2 46 A8 72 A11 PA13 (JTMS- SWDIO) I/O FT (3) JTMS-SWDIO, IR_OUT, SWPMI1_TX, SAI1_SD_B, EVENTOUT - - 35 35 B1 B1 47 D5 - - VSS S - - - - -36 36 A1 A1 48 E5 73 C11 VDD S - - - - --- - - - - 74 F11 VSS S - - - - --- - - - - 75 G11 VDD S - - - - 24 37 37 A2 B2 49 A7 76 A10 PA14 (JTCK- SWCLK) I/O FT (3) JTCK-SWCLK, LPTIM1_OUT, I2C1_SMBA, SWPMI1_RX, SAI1_FS_B, EVENTOUT - Table 14. STM32L431xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |