| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L431 Fiches technique(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L431 Fiches technique(HTML) 56 Page - STMicroelectronics |
|
56 / 200 page ![]() Pinouts and pin description STM32L431xx 56/200 DocID028800 Rev 1 812 12 E5 F6 16 F3 25 K3 PA2 I/O FT_a - TIM2_CH3, USART2_TX, LPUART1_TX, QUADSPI_BK1_NCS, COMP2_OUT, TIM15_CH1, EVENTOUT COMP2_INM, ADC1_IN7, WKUP4, LSCO 913 13 E4 G6 17 G3 26 L3 PA3 I/O TT_a - TIM2_CH4, USART2_RX, LPUART1_RX, QUADSPI_CLK, SAI1_MCLK_A, TIM15_CH2, EVENTOUT OPAMP1_ VOUT, COMP2_INP, ADC1_IN8 --- - H8 18 C2 27 E3 VSS S - - - - --- - H7 19 D2 28 H3 VDD S - - - - 10 14 14 G6 E5 20 H3 29 M3 PA4 I/O TT_a - SPI1_NSS, SPI3_NSS, USART2_CK, SAI1_FS_B, LPTIM2_OUT, EVENTOUT COMP1_INM, COMP2_INM, ADC1_IN9, DAC1_OUT1 11 15 15 F5 F5 21 F4 30 K4 PA5 I/O TT_a - TIM2_CH1, TIM2_ETR, SPI1_SCK, LPTIM2_ETR, EVENTOUT COMP1_INM, COMP2_INM, ADC1_IN10, DAC1_OUT2 12 16 16 F4 G5 22 G4 31 L4 PA6 I/O FT_a - TIM1_BKIN, SPI1_MISO, COMP1_OUT, USART3_CTS, LPUART1_CTS, QUADSPI_BK1_IO3, TIM1_BKIN_COMP2, TIM16_CH1, EVENTOUT ADC1_IN11 13 17 17 F3 H6 23 H4 32 M4 PA7 I/O FT_fa - TIM1_CH1N, I2C3_SCL, SPI1_MOSI, QUADSPI_BK1_IO2, COMP2_OUT, EVENTOUT ADC1_IN12 --- - D4 24 H5 33 K5 PC4 I/O FT_a - USART3_TX, EVENTOUT COMP1_INM, ADC1_IN13 --- - E4 25 H6 34 L5 PC5 I/O FT_a - USART3_RX, EVENTOUT COMP1_INP, ADC1_IN14, WKUP5 Table 14. STM32L431xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |