Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L431 Fiches technique(PDF) 66 Page - STMicroelectronics

No de pièce STM32L431
Description  RTC with HW calendar, alarms and calibration
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L431 Fiches technique(HTML) 66 Page - STMicroelectronics

Back Button STM32L431 Datasheet HTML 62Page - STMicroelectronics STM32L431 Datasheet HTML 63Page - STMicroelectronics STM32L431 Datasheet HTML 64Page - STMicroelectronics STM32L431 Datasheet HTML 65Page - STMicroelectronics STM32L431 Datasheet HTML 66Page - STMicroelectronics STM32L431 Datasheet HTML 67Page - STMicroelectronics STM32L431 Datasheet HTML 68Page - STMicroelectronics STM32L431 Datasheet HTML 69Page - STMicroelectronics STM32L431 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 200 page
background image
Port C
PC0
-
LPTIM1_IN1
-
-
I2C3_SCL
-
-
-
PC1
-
LPTIM1_OUT
-
-
I2C3_SDA
-
-
-
PC2
-
LPTIM1_IN2
-
-
-
SPI2_MISO
-
-
PC3
-
LPTIM1_ETR
-
-
-
SPI2_MOSI
-
-
PC4
-
-
----
-
USART3_TX
PC5
-
-
----
-
USART3_RX
PC6
-
-
----
--
PC7
-
-
----
--
PC8
-
-
----
--
PC9
-
-
----
--
PC10
--
----
SPI3_SCK
USART3_TX
Port C
PC11
--
----
SPI3_MISO
USART3_RX
PC12
--
----
SPI3_MOSI
USART3_CK
PC13
--
----
--
PC14
--
----
--
PC15
--
----
--
Table 15. Alternate function AF0 to AF7 (for AF8 to AF15 see Table 16) (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
SYS_AF
TIM1/TIM2/
LPTIM1
TIM1/TIM2
USART2
I2C1/I2C2/I2C3
SPI1/SPI2
SPI3
USART1/
USART2/
USART3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More