Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F070F6 Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce STM32F070F6
Description  Reset and power management
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F070F6 Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button STM32F070F6 Datasheet HTML 31Page - STMicroelectronics STM32F070F6 Datasheet HTML 32Page - STMicroelectronics STM32F070F6 Datasheet HTML 33Page - STMicroelectronics STM32F070F6 Datasheet HTML 34Page - STMicroelectronics STM32F070F6 Datasheet HTML 35Page - STMicroelectronics STM32F070F6 Datasheet HTML 36Page - STMicroelectronics STM32F070F6 Datasheet HTML 37Page - STMicroelectronics STM32F070F6 Datasheet HTML 38Page - STMicroelectronics STM32F070F6 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 83 page
background image
DocID027114 Rev 3
35/83
STM32F070CB/RB/C6/F6
Memory mapping
35
APB
0x4000 7400 - 0x4000 7FFF
3 KB
Reserved
0x4000 7000 - 0x4000 73FF
1 KB
PWR
0x4000 6C00 - 0x4000 6FFF
1 KB
Reserved
0x4000 6400 - 0x4000 67FF
2 KB
Reserved
0x4000 6000 - 0x4000 63FF
1 KB
USB RAM
0x4000 5800 - 0x4000 5BFF
1 KB
I2C2(1)
0x4000 5400 - 0x4000 57FF
1 KB
I2C1
0x4000 5000 - 0x4000 53FF
3 KB
Reserved
0x4000 4C00 - 0x4000 4FFF
1 KB
USART4(1)
0x4000 4800 - 0x4000 4BFF
1 KB
USART3(1)
0x4000 4400 - 0x4000 47FF
1 KB
USART2
0x4000 3C00 - 0x4000 43FF
2 KB
Reserved
0x4000 3800 - 0x4000 3BFF
1 KB
SPI2(1)
0x4000 3400 - 0x4000 37FF
1 KB
Reserved
0x4000 3000 - 0x4000 33FF
1 KB
IWDG
0x4000 2C00 - 0x4000 2FFF
1 KB
WWDG
0x4000 2800 - 0x4000 2BFF
1 KB
RTC
0x4000 2400 - 0x4000 27FF
1 KB
Reserved
0x4000 2000 - 0x4000 23FF
1 KB
TIM14
0x4000 1800 - 0x4000 1FFF
2 KB
Reserved
0x4000 1400 - 0x4000 17FF
1 KB
TIM7
0x4000 1000 - 0x4000 13FF
1 KB
TIM6
0x4000 0800 - 0x4000 0FFF
2 KB
Reserved
0x4000 0400 - 0x4000 07FF
1 KB
TIM3
0x4000 0000 - 0x4000 03FF
1 KB
Reserved
1. Available on STM32F070CB/RB devices only.
Table 16. STM32F070CB/RB/C6/F6 peripheral register boundary addresses (continued)
Bus
Boundary address
Size
Peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83