Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F070F6 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce STM32F070F6
Description  Reset and power management
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F070F6 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button STM32F070F6 Datasheet HTML 26Page - STMicroelectronics STM32F070F6 Datasheet HTML 27Page - STMicroelectronics STM32F070F6 Datasheet HTML 28Page - STMicroelectronics STM32F070F6 Datasheet HTML 29Page - STMicroelectronics STM32F070F6 Datasheet HTML 30Page - STMicroelectronics STM32F070F6 Datasheet HTML 31Page - STMicroelectronics STM32F070F6 Datasheet HTML 32Page - STMicroelectronics STM32F070F6 Datasheet HTML 33Page - STMicroelectronics STM32F070F6 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 83 page
background image
Table 11. Alternate functions selected through GPIOA_AFR registers for port A
Pin
name
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
PA0
-
USART2_CTS
-
-
USART4_TX(1)
1. Available on STM32F070CB/RB devices only.
--
-
PA1
EVENTOUT
USART2_RTS
-
-
USART4_RX(1) TIM15_CH1N(1)
--
PA2
TIM15_CH1(1)
USART2_TX
-
-
-
-
-
-
PA3
TIM15_CH2(1)
USART2_RX
-
-
-
-
-
-
PA4
SPI1_NSS
USART2_CK
USB_NOE(2)
2.
Available on STM32F070C6/F6 devices only.
-
TIM14_CH1
-
-
-
PA5
SPI1_SCK
-
-
-
-
-
-
-
PA6
SPI1_MISO
TIM3_CH1
TIM1_BKIN
-
USART3_CTS(1)
TIM16_CH1
EVENTOUT
-
PA7
SPI1_MOSI
TIM3_CH2
TIM1_CH1N
-
TIM14_CH1
TIM17_CH1
EVENTOUT
-
PA8
MCO
USART1_CK
TIM1_CH1
EVENTOUT
-
-
-
-
PA9
TIM15_BKIN(1)
USART1_TX
TIM1_CH2
-
I2C1_SCL (2)
--
-
PA10
TIM17_BKIN
USART1_RX
TIM1_CH3
-
I2C1_SDA (2)
--
-
PA11
EVENTOUT
USART1_CTS
TIM1_CH4
-
-
-
-
-
PA12
EVENTOUT
USART1_RTS
TIM1_ETR
-
-
-
-
-
PA13
SWDIO
IR_OUT
USB_NOE
-
-
-
-
-
PA14
SWCLK
USART2_TX
-
-
-
-
-
-
PA15
SPI1_NSS
USART2_RX
-
EVENTOUT
USART4_RTS(1)
--
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83