| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F070F6 Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F070F6 Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 83 page ![]() Pinouts and pin descriptions STM32F070CB/RB/C6/F6 28/83 DocID027114 Rev 3 41 29 - PA8 I/O FT - USART1_CK, TIM1_CH1, EVENTOUT, MCO - 42 30 17 PA9 I/O FT (4) USART1_TX, TIM1_CH2, TIM15_BKIN, I2C1_SCL(3) - 43 31 18 PA10 I/O FT - USART1_RX, TIM1_CH3, TIM17_BKIN, I2C1_SDA(3) - 44 32 17(5) PA11 I/O FT - USART1_CTS, TIM1_CH4, EVENTOUT USB_DM 45 33 18(5) PA12 I/O FT - USART1_RTS, TIM1_ETR, EVENTOUT USB_DP 46 34 19 PA13 I/O FT (6) IR_OUT, SWDIO, USB_NOE - 47 35 - VSS S - - Ground 48 36 - VDD S - - Digital power supply 49 37 20 PA14 I/O FT - USART2_TX, SWCLK - 50 38 - PA15 I/O FT (4) SPI1_NSS, USART2_RX, USART4_RTS, EVENTOUT - 51 - - PC10 I/O FT (4) USART3_TX, USART4_TX - 52 - - PC11 I/O FT (4) USART3_RX, USART4_RX - 53 - - PC12 I/O FT (4) USART3_CK, USART4_CK - 54 - - PD2 I/O FT (4) TIM3_ETR, USART3_RTS - 55 39 - PB3 I/O FT - SPI1_SCK, EVENTOUT - 56 40 - PB4 I/O FT - SPI1_MISO, TIM17_BKIN, TIM3_CH1, EVENTOUT - 57 41 - PB5 I/O FT (4) SPI1_MOSI, I2C1_SMBA, TIM16_BKIN, TIM3_CH2 WKUP6 58 42 - PB6 I/O FTf - I2C1_SCL, USART1_TX, TIM16_CH1N - Table 10. STM32F070xB/6 pin definitions (continued) Pin numbers Pin name (function after reset) Pin type Pin functions Alternate functions Additional functions |