| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8L101x2 Fiches technique(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L101x2 Fiches technique(HTML) 17 Page - STMicroelectronics |
|
17 / 88 page ![]() DocID15275 Rev 16 17/88 STM8L101x1 STM8L101x2 STM8L101x3 Pin description 22 Figure 4. 20-pin TSSOP package pinout 1. HS corresponds to 20 mA high sink/source capability. 2. High sink LED driver capability available on PA0. Refer to the description of the IR_CR register in the STM8L reference manual (RM0013). Figure 5. Standard 28-pin UFQFPN package pinout 1. HS corresponds to 20 mA high sink/source capability. 2. High sink LED driver capability available on PA0. Refer to the description of the IR_CR register in the STM8L reference manual (RM0013). Note: The COMP_REF pin is not available in this standard 28-pin UFQFPN package. It is available on Port A6 in the Figure 6: 28-pin UFQFPN package pinout for STM8L101G3U6ATR and STM8L101G2U6ATR part numbers. |