| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8L101x2 Fiches technique(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L101x2 Fiches technique(HTML) 71 Page - STMicroelectronics |
|
71 / 88 page ![]() DocID15275 Rev 16 71/88 STM8L101x1 STM8L101x2 STM8L101x3 Package information 79 Figure 44. UFQFPN28 recommended footprint 1. Dimensions are expressed in millimeters. Table 41. UFQFPN28 - 28-lead ultra thin fine pitch quad flat no-lead package (4 x 4), package mechanical data Dim. mm inches(1) Min Typ Max Min Typ Max A 0.500 0.550 0.600 0.0197 0.0217 0.0236 A1 0 0.020 0.050 0 0.0008 0.002 A3 - 0.152 - - 0.0060 - b 0.180 0.250 0.300 0.0071 0.0098 0.0118 D - 4.000 - - 0.1575 - E - 4.000 - - 0.1575 - e - 0.500 - - 0.0197 - L1 0.250 0.350 0.450 0.0098 0.0138 0.0177 L2 0.300 0.400 0.500 0.0118 0.0157 0.0197 ddd - 0.080 - - 0.0031 - - Number of pins N28 1. Values in inches are converted from mm and rounded to 4 decimal digits. |