Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8L101x2 Fiches technique(PDF) 73 Page - STMicroelectronics

No de pièce STM8L101x2
Description  Auto-wakeup unit
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101x2 Fiches technique(HTML) 73 Page - STMicroelectronics

Back Button STM8L101x2 Datasheet HTML 69Page - STMicroelectronics STM8L101x2 Datasheet HTML 70Page - STMicroelectronics STM8L101x2 Datasheet HTML 71Page - STMicroelectronics STM8L101x2 Datasheet HTML 72Page - STMicroelectronics STM8L101x2 Datasheet HTML 73Page - STMicroelectronics STM8L101x2 Datasheet HTML 74Page - STMicroelectronics STM8L101x2 Datasheet HTML 75Page - STMicroelectronics STM8L101x2 Datasheet HTML 76Page - STMicroelectronics STM8L101x2 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
DocID15275 Rev 16
73/88
STM8L101x1 STM8L101x2 STM8L101x3
Package information
79
10.4
UFQFPN20 package information
Figure 46. UFQFPN20 - 20-lead, 3x3 mm, 0.5 mm pitch, ultra thin fine pitch quad flat
package outline
1. Drawing is not to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88