Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8L101x2 Fiches technique(PDF) 76 Page - STMicroelectronics

No de pièce STM8L101x2
Description  Auto-wakeup unit
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101x2 Fiches technique(HTML) 76 Page - STMicroelectronics

Back Button STM8L101x2 Datasheet HTML 72Page - STMicroelectronics STM8L101x2 Datasheet HTML 73Page - STMicroelectronics STM8L101x2 Datasheet HTML 74Page - STMicroelectronics STM8L101x2 Datasheet HTML 75Page - STMicroelectronics STM8L101x2 Datasheet HTML 76Page - STMicroelectronics STM8L101x2 Datasheet HTML 77Page - STMicroelectronics STM8L101x2 Datasheet HTML 78Page - STMicroelectronics STM8L101x2 Datasheet HTML 79Page - STMicroelectronics STM8L101x2 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 88 page
background image
Package information
STM8L101x1 STM8L101x2 STM8L101x3
76/88
DocID15275 Rev 16
10.5
TSSOP20 package information
Figure 49. TSSOP20 - 20-lead thin shrink small package outline
1. Drawing is not to scale.
Table 43. TSSOP20 - 20-lead thin shrink small package mechanical data
Dim.
mm
inches(1)
Min
Typ
Max
Min
Typ
Max
A
-
-
1.200
-
-
0.0472
A1
0.050
-
0.150
0.0020
-
0.0059
A2
0.800
1.000
1.050
0.0315
0.0394
0.0413
b
0.190
-
0.300
0.0075
-
0.0118
CP
-
-
0.100
-
-
0.0039
c
0.090
-
0.200
0.0035
-
0.0079
D(2)
6.400
6.500
6.600
0.2520
0.2559
0.2598
E
6.200
6.400
6.600
0.2441
0.2520
0.2598
E1(3)
4.300
4.400
4.500
0.1693
0.1732
0.1772
e
-
0.650
-
0.1693
0.0256
-
L
0.450
0.600
0.750
0.1693
0.0236
0.0295
L1
-
1.000
-
-
0.0394
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88