| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8L101x2 Fiches technique(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L101x2 Fiches technique(HTML) 65 Page - STMicroelectronics |
|
65 / 88 page ![]() DocID15275 Rev 16 65/88 STM8L101x1 STM8L101x2 STM8L101x3 Package information 79 Figure 38. UFQFPN32 recommended footprint 1. Dimensions are in millimeters. Table 39. UFQFPN32 - 32-lead ultra thin fine pitch quad flat no-lead package (5 x 5), package mechanical data Dim. mm inches(1) Min Typ Max Min Typ Max A 0.500 0.550 0.600 0.0197 0.0217 0.0236 A1 0.000 0.020 0.0500 0 0.0008 0.0020 A3 - 0.152 - - 0.0060 - b 0.180 0.230 0.280 0.0071 0.0091 0.0110 D 4.900 5.000 5.100 0.1929 0.1969 0.2008 D2 - 3.500 - - 0.1378 - E 4.900 5.000 5.100 0.1929 0.1969 0.2008 E2 3.400 3.500 3.600 0.1339 0.1378 0.1417 e - 0.500 - - 0.0197 - L 0.300 0.400 0.500 0.0118 0.0157 0.0197 ddd 0.080 0.0031 - Number of pins N32 1. Values in inches are converted from mm and rounded to 4 decimal digits. |