Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1871 Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 33Page - STMicroelectronics UM1871 Datasheet HTML 34Page - STMicroelectronics UM1871 Datasheet HTML 35Page - STMicroelectronics UM1871 Datasheet HTML 36Page - STMicroelectronics UM1871 Datasheet HTML 37Page - STMicroelectronics UM1871 Datasheet HTML 38Page - STMicroelectronics UM1871 Datasheet HTML 39Page - STMicroelectronics UM1871 Datasheet HTML 40Page - STMicroelectronics UM1871 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
DocID027604 Rev 3
37/64
UM1871
STM32446E-EVAL IO assignment
63
53
PF13
FMC_A7
-
-
54
PF14
FMC_A8
-
-
55
PF15
FMC_A9
-
-
56
PG0
FMC_A10
-
-
57
PG1
FMC_A11
-
-
58
PE7
FMC_D4
-
-
59
PE8
FMC_D5
-
-
60
PE9
FMC_D6
-
-
61
VSS_7
-
-
62
VDD_7
-
-
63
PE10
FMC_D7
-
-
64
PE11
FMC_D8
-
-
65
PE12
FMC_D9
-
-
66
PE13
FMC_D10
-
-
67
PE14
FMC_D11
-
-
68
PE15
FMC_D12
-
-
69
PB10
ULPI_D3
-
-
70
PB11
LD1
-
-
71
VCAP1
-
-
-
72
VDD_1
-
-
-
73
PB12
ULPI_D5
PFC_Shutdown_TIM1_BKIN
-
74
PB13
ULPI_D6
-
-
75
PB14
RF_SPI2_MISO
-
-
76
PB15
RF_SPI2_MOSI
-
-
77
PD8
FMC_D13
-
-
78
PD9
FMC_D14
-
-
79
PD10
FMC_D15
-
-
80
PD11
SAI_2_SD_A
-
-
81
PD12
I2C4_SCL
-
-
82
PD13
I2C4_SDA
-
-
Table 23. IOs assignment (continued)
Pin name
Default configuration
Motor control
configuration
Camera
configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64