| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1871 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1871 Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 64 page ![]() DocID027604 Rev 3 9/64 UM1871 Hardware layout and configuration 63 Figure 3. STM32446E-EVAL evaluation board layout 2.1 Embedded ST_LINK/V2-1 The ST-LINK/V2-1 programming and debugging tool is integrated on the STM32446E-EVAL evaluation board. The embedded ST-LINK/V2-1 supports only SWD for STM32 devices. For information about debugging and programming features the user can refer to the ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32 User Manual UM1075, which describes in detail all the ST-LINK/V2 features. B1 Reset Button B2 WKUP Button B3 Joystick 4 colors LEDs CN23 Audio2 jack CN RF EEPROM daughter board connector CN20 Power Jack CN3 Motor Control connector CN5 Camera connector CN22 Audio1 jack CN USB HS connector CN USB FS connector CN4 MicroSD card CN16 RS232 CN CAN CN16 ST_LINK/V2-1 CN17 LCD connector U10 IR receiver P2 U2 STM32F446ZET6 CN15 JTAG connector CN6,CN7,CN12,CN13 RF Connectors CN |