Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1871 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 20Page - STMicroelectronics UM1871 Datasheet HTML 21Page - STMicroelectronics UM1871 Datasheet HTML 22Page - STMicroelectronics UM1871 Datasheet HTML 23Page - STMicroelectronics UM1871 Datasheet HTML 24Page - STMicroelectronics UM1871 Datasheet HTML 25Page - STMicroelectronics UM1871 Datasheet HTML 26Page - STMicroelectronics UM1871 Datasheet HTML 27Page - STMicroelectronics UM1871 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
Hardware layout and configuration
UM1871
24/64
DocID027604 Rev 3
31
PA10
MFX_GPIO10
XSDN
Output
Camera
32
PA11
MFX_GPIO11
RSTI
Output
Camera
33
PA12
MFX_GPIO12
Camera_PLUG
Input
Camera
38
PA15
MFX_GPO7
LD4
Output
LED
39
PB3
MFX_GPIO3
JOY_DOWN
Input
Joystick
40
PB4
MFX_GPIO4
JOY_UP
Input
Joystick
Table 11. MFX signals (continued)
Pin
number
of MFX
Pin name of
MFX
MFX functions
Function of
STM32446E-EVAL
Direction
(For MFX)
Terminal
device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64