Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1871 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 14Page - STMicroelectronics UM1871 Datasheet HTML 15Page - STMicroelectronics UM1871 Datasheet HTML 16Page - STMicroelectronics UM1871 Datasheet HTML 17Page - STMicroelectronics UM1871 Datasheet HTML 18Page - STMicroelectronics UM1871 Datasheet HTML 19Page - STMicroelectronics UM1871 Datasheet HTML 20Page - STMicroelectronics UM1871 Datasheet HTML 21Page - STMicroelectronics UM1871 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
Hardware layout and configuration
UM1871
18/64
DocID027604 Rev 3
Warning:
There is an error on silkscreen of MB1162 PCB rev B:
- JP7 pin 1 is named SPI instead of UART
- JP7 pin 3 is named UART instead of SPI
JP7
STM32F446 port PA9 is connected to SPI when JP7 is set as shown below (see
Warning):
JP4
STM32F446 port PA10 is used as USART1_RX (in conjunction with JP8) when JP4
is set as shown below (see Warning):
STM32F446 port PA10 is connected to USB_FS_ID when JP4 is set as shown
below (see Warning):
Table 7. USB_OTG_FS related jumpers (continued)
Jumper
Description
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64