Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1871 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce UM1871
Description  Evaluation board with STM32F446ZE MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1871 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button UM1871 Datasheet HTML 28Page - STMicroelectronics UM1871 Datasheet HTML 29Page - STMicroelectronics UM1871 Datasheet HTML 30Page - STMicroelectronics UM1871 Datasheet HTML 31Page - STMicroelectronics UM1871 Datasheet HTML 32Page - STMicroelectronics UM1871 Datasheet HTML 33Page - STMicroelectronics UM1871 Datasheet HTML 34Page - STMicroelectronics UM1871 Datasheet HTML 35Page - STMicroelectronics UM1871 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
Connectors
UM1871
32/64
DocID027604 Rev 3
3.6
RS232 connector CN25
Figure 10. RS232 connector CN25 (front view)
3.7
ST-LINK/V2-1 USB Type B connector CN16
The USB connector CN16 is used to connect embedded ST-LINK/V2-1 to PC for debugging
of board.
Table 19. MicroSD connector CN4
Pin number
Description
Pin number
Description
1
SDCARD_D2(PC10)
5
SDCARD_CK (PC12)
2
SDCARD_D3(PC11)
6
VSS/GND
3
SDCARD_CMD(PD2)
7
SDCARD_D0(PC8)
4
+3V3
8
SDCARD_D1(PC9)
-
-
10
SDCARD_detect (mfx_io15)
Table 20. RS232 connector CN25
Pin number
Description
Pin number
Description
1
NC
6
RS232_DSR
2
RS232_RX
7
NC
3
RS232_TX
8
RS232_CTS
4NC
9
NC
5GND
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64