Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO8200BQ Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce ISO8200BQ
Description  Galvanic isolated octal high-side smart power solid state-relay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQ Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button ISO8200BQ Datasheet HTML 29Page - STMicroelectronics ISO8200BQ Datasheet HTML 30Page - STMicroelectronics ISO8200BQ Datasheet HTML 31Page - STMicroelectronics ISO8200BQ Datasheet HTML 32Page - STMicroelectronics ISO8200BQ Datasheet HTML 33Page - STMicroelectronics ISO8200BQ Datasheet HTML 34Page - STMicroelectronics ISO8200BQ Datasheet HTML 35Page - STMicroelectronics ISO8200BQ Datasheet HTML 36Page - STMicroelectronics ISO8200BQ Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Revision history
ISO8200BQ
36/37
DocID027303 Rev 4
16
Revision history
Table 17: Document revision history
Date
Revision
Changes
15-Dec-2014
1
Initial release.
10-Jun-2015
2
Updated Description.
Updated Table 1.
Updated EAS max. value in Table 2.
Updated VCC(THOFF) and VCC(hys) min. value in Table 4.
Updated Table 5.
Updated test conditions of IPEAK, ILIM and Hyst in Table 6.
Changed Figure 21.
17-Nov-2016
3
Datasheet promoted from preliminary to production data.
Updated Table 6: Diagnostic pin and output protection function.
21-Apr-2017
4
Updated Table 10: "Insulation and safety-related specifications".
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37