Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO8200BQ Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce ISO8200BQ
Description  Galvanic isolated octal high-side smart power solid state-relay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQ Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button ISO8200BQ Datasheet HTML 2Page - STMicroelectronics ISO8200BQ Datasheet HTML 3Page - STMicroelectronics ISO8200BQ Datasheet HTML 4Page - STMicroelectronics ISO8200BQ Datasheet HTML 5Page - STMicroelectronics ISO8200BQ Datasheet HTML 6Page - STMicroelectronics ISO8200BQ Datasheet HTML 7Page - STMicroelectronics ISO8200BQ Datasheet HTML 8Page - STMicroelectronics ISO8200BQ Datasheet HTML 9Page - STMicroelectronics ISO8200BQ Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Pin connection
ISO8200BQ
6/37
DocID027303 Rev 4
2
Pin connection
Figure 2: Pin connection (top through view)
Table 1: Pin description
Pin
Name
Description
1
GNDDD
Input logic ground, negative logic supply
2
NC
Not connected
3
GNDCC
Output power ground
4
OUT8
Channel 8 power output
5
OUT8
6
OUT7
Channel 7 power output
7
OUT7
8
OUT6
Channel 6 power output
9
OUT6
10
OUT5
Channel 5 power output
11
OUT5
12
OUT4
Channel 4 power output
13
OUT4
14
OUT3
Channel 3 power output
15
OUT3
16
OUT2
Channel 2 power output
17
OUT2
18
OUT1
Channel 1 power output
19
OUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37