Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO8200BQ Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce ISO8200BQ
Description  Galvanic isolated octal high-side smart power solid state-relay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQ Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button ISO8200BQ Datasheet HTML 5Page - STMicroelectronics ISO8200BQ Datasheet HTML 6Page - STMicroelectronics ISO8200BQ Datasheet HTML 7Page - STMicroelectronics ISO8200BQ Datasheet HTML 8Page - STMicroelectronics ISO8200BQ Datasheet HTML 9Page - STMicroelectronics ISO8200BQ Datasheet HTML 10Page - STMicroelectronics ISO8200BQ Datasheet HTML 11Page - STMicroelectronics ISO8200BQ Datasheet HTML 12Page - STMicroelectronics ISO8200BQ Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
ISO8200BQ
Thermal data
DocID027303 Rev 4
9/37
4
Thermal data
Table 3: Thermal data
Symbol
Parameter
Max. value
Unit
Rthj-case
Thermal resistance, junction-case(1)
2
°C/W
Rthj-amb
Thermal resistance, junction-ambient (2)
15
°C/W
Notes:
(1)For each channel.
(2)TFQFPN32 mounted on the product evaluation board (FR4, 4 layers, 8 cm2 for each layer, copper thickness 35
mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37