Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO8200BQ Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce ISO8200BQ
Description  Galvanic isolated octal high-side smart power solid state-relay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQ Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button ISO8200BQ Datasheet HTML 29Page - STMicroelectronics ISO8200BQ Datasheet HTML 30Page - STMicroelectronics ISO8200BQ Datasheet HTML 31Page - STMicroelectronics ISO8200BQ Datasheet HTML 32Page - STMicroelectronics ISO8200BQ Datasheet HTML 33Page - STMicroelectronics ISO8200BQ Datasheet HTML 34Page - STMicroelectronics ISO8200BQ Datasheet HTML 35Page - STMicroelectronics ISO8200BQ Datasheet HTML 36Page - STMicroelectronics ISO8200BQ Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
ISO8200BQ
Ordering information
DocID027303 Rev 4
35/37
15
Ordering information
Table 16: Ordering information
Order code
Package
Packing
ISO8200BQ
TFQFPN32
Tube
ISO8200BQTR
TFQFPN32
Tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37