Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO8200BQ Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce ISO8200BQ
Description  Galvanic isolated octal high-side smart power solid state-relay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQ Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button ISO8200BQ Datasheet HTML 23Page - STMicroelectronics ISO8200BQ Datasheet HTML 24Page - STMicroelectronics ISO8200BQ Datasheet HTML 25Page - STMicroelectronics ISO8200BQ Datasheet HTML 26Page - STMicroelectronics ISO8200BQ Datasheet HTML 27Page - STMicroelectronics ISO8200BQ Datasheet HTML 28Page - STMicroelectronics ISO8200BQ Datasheet HTML 29Page - STMicroelectronics ISO8200BQ Datasheet HTML 30Page - STMicroelectronics ISO8200BQ Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
ISO8200BQ
Reverse polarity on Vdd
DocID027303 Rev 4
27/37
9
Reverse polarity on Vdd
The reverse polarity on Vdd can be implemented on board by placing a diode between
GNDdd pin and GND digital ground.
The diode has to be chosen by taking into account VRRM >|Vdd| and its power dissipation
capability:
PD
≥ Idd*VF
In normal conditions (no reverse polarity), due to the diode, there is a voltage drop
between GNDdd of the device and digital ground of the system.
Figure 20: Reverse polarity protection on Vdd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37