Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC2200 Fiches technique(PDF) 151 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Fiches technique(HTML) 151 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 147Page - National Semiconductor (TI) SC2200 Datasheet HTML 148Page - National Semiconductor (TI) SC2200 Datasheet HTML 149Page - National Semiconductor (TI) SC2200 Datasheet HTML 150Page - National Semiconductor (TI) SC2200 Datasheet HTML 151Page - National Semiconductor (TI) SC2200 Datasheet HTML 152Page - National Semiconductor (TI) SC2200 Datasheet HTML 153Page - National Semiconductor (TI) SC2200 Datasheet HTML 154Page - National Semiconductor (TI) SC2200 Datasheet HTML 155Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 433 page
background image
Revision 3.0
151
www.national.com
Core Logic Module (Continued)
5.2
MODULE ARCHITECTURE
The Core Logic architecture provides the internal functional
blocks showninFigure5-1.
• Fast-PCI interface to external PCI bus
• IDE controllers (UDMA-33)
• USB controllers
• Sub-ISA bus interface
• AT compatibility logic (legacy)
• ACPI compliant power management (includes GPIO
interfaces, such as joystick)
• Integrated audio controller
• Low Pin Count (LPC) Interface
Figure 5-1. Core Logic Module Block Diagram
IDE
Config.
PW
LPC
Legacy
ACPI/PM
Audio
UDMA33
USB
LPC
Sub-ISA
Fast X-Bus
Controller
Fast-PCI
PCI Interface
X-Bus
AC97
PCI
ISA/PIC/PIT/DMA
USB
33-66 MHz
33 MHz
Reg.
GPIOs
GPIOs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More