Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC2200 Fiches technique(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Fiches technique(HTML) 53 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 49Page - National Semiconductor (TI) SC2200 Datasheet HTML 50Page - National Semiconductor (TI) SC2200 Datasheet HTML 51Page - National Semiconductor (TI) SC2200 Datasheet HTML 52Page - National Semiconductor (TI) SC2200 Datasheet HTML 53Page - National Semiconductor (TI) SC2200 Datasheet HTML 54Page - National Semiconductor (TI) SC2200 Datasheet HTML 55Page - National Semiconductor (TI) SC2200 Datasheet HTML 56Page - National Semiconductor (TI) SC2200 Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 433 page
background image
Revision 3.0
53
www.national.com
Signal Definitions (Continued)
Ball No.
GPIO
ACCESS.bus
AJ12
N29
GPIO12
PMR[19] = 0
AB2C
PMR[19] = 1
AL11
M29
GPIO13
AB2D
Ball No.
GPIO
UART
A28
AG1
GPIO18
PMR[16] = 0
DTR1#/BOUT1
PMR[16] = 1
Ball No.
Infrared
UART
J3
C11
IRTX
PMR[6] = 0
SOUT3
PMR[6] = 1
J28
AK8
IRRX1
SIN3
Ball No.
GPIO
LPC
AJ11
M28
GPIO32
PMR[14] = 0 and
PMR[22] = 0
LAD0
PMR[14] = 1 and
PMR[22] = 1
AL10
L31
GPIO33
LAD1
AK10
L30
GPIO34
LAD2
AJ10
L29
GPIO35
LAD3
AL9
L28
GPIO36
LDRQ#
AK9
K31
GPIO37
LFRAME#
AJ9
K28
GPIO38/IRRX2
LPCPD#
AL8
J31
GPIO39
SERIRQ
Ball No.
UART
Internal Test
AJ4
E28
SIN2
PMR[28] = 0
SDTEST3
PMR[28] = 1
Ball No.
AC97
FPCI Monitoring
AJ15
U29
AC97_RST#
FPCI_MON = 0
F_STOP#
FPCI_MON = 1
AK14
U31
SDATA_IN
F_GNT0#
AL14
U30
BIT_CLK
F_TRDY#
Ball No.
Internal Test
Internal Test
C28
AG4
PLL6B
PMR[29] = 0
TEST1
PMR[29] = 1
B29
AJ1
PLL5B
TEST2
D28
AH3
PLL2B
TEST0
Table 2-7. Two-Signal/Group Multiplexing (Continued)
EBGA
TEPBGA
Default
Alternate
Signal
Configuration
Signal
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More