| Moteur de recherche de fiches techniques de composants électroniques |
|
SC2200 Fiches technique(PDF) 38 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
SC2200 Fiches technique(HTML) 38 Page - National Semiconductor (TI) |
|
38 / 433 page ![]() www.national.com 38 Revision 3.0 Signal Definitions (Continued) B6 AD23 I/O INPCI, OPCI VIO Cycle Multiplexed A23 O OPCI B7 VSS GND --- --- --- B8 RD# O O3/5 VIO --- CLKSEL0 I (PD100) INSTRP Strap (See Table 2- 6onpage 51.) B9 WR# O O3/5 VIO B10 VSS GND --- --- --- B11 VSYNC O O1/4 VIO --- B12 RED O WIRE AVC- CCRT --- B13 VIO PWR --- --- --- B14 AVSSCRT GND --- --- --- B15 SETRES I WIRE AVC- CCRT --- B16 VIO PWR --- --- --- B176, 2 BUSY/WAIT# I INT VIO PMR[23]3 = 0 and (PMR[27] = 0 and FPCI_MON = 0) TFTD3 O O1/4 PMR[23]3 = 1 and (PMR[27] = 0 and FPCI_MON = 0) F_C/BE1# O O1/4 PMR[23]3 = 0 and (PMR[27] = 1 or FPCI_MON = 1) B186, 2 ACK# I INT VIO PMR[23]3 = 0 and (PMR[27] = 0 and FPCI_MON = 0) TFTDE O O1/4 PMR[23]3 = 1 and (PMR[27] = 0 and FPCI_MON = 0) FPCICLK O O1/4 PMR[23]3 = 0 and (PMR[27] = 1 or FPCI_MON = 1) B19 VIO PWR --- --- --- B206,2 SLIN#/ASTRB# O O14/14 VIO PMR[23]3 = 0 and (PMR[27] = 0 and FPCI_MON = 0) TFTD16 O O1/4 PMR[23]3 = 1 and (PMR[27] = 0 and FPCI_MON = 0) F_IRDY# O O14/14 PMR[23]3 = 0 and (PMR[27] = 1 or FPCI_MON = 1) B216,2 INIT# O O14/14 VIO PMR[23]3 = 0 and (PMR[27] = 0 and FPCI_MON = 0) TFTD5 O O1/4 PMR[23]3 = 1 and (PMR[27] = 0 and FPCI_MON = 0) SMI_O O O14/14 PMR[23]3 = 0 and (PMR[27] = 1 or FPCI_MON = 1) B22 VSS GND --- --- --- B23 NC --- --- --- --- B24 VSS GND --- --- --- Ball No. Signal Name I/O (PU/PD) Buffer1 Type Power Rail Configuration B25 VSS GND --- --- --- B26 NC --- --- --- --- B276 DPOS_PORT2 I/O INUSB, OUSB AVC- CUSB --- B286 DNEG_PORT2 I/O INUSB, OUSB AVC- CUSB --- B29 GPIO10 I/O (PU22.5) INTS, O8/8 VIO PMR[18] = 0 and PMR[8] = 0 DSR2# I (PU22.5) INTS PMR[18] = 1 and PMR[8] = 0 IDE_IORDY1 I (PU22.5) INTS1 PMR[18] = 0 and PMR[8] = 1 SDTEST1 O (PU22.5) O2/5 PMR[18] = 1 and PMR[8] = 1 B30 VSS GND --- --- --- B31 VIO PWR --- --- --- C1 AD26 I/O INPCI, OPCI VIO Cycle Multiplexed D2 I/O INPCI, OPCI C2 AD24 I/O INPCI, OPCI VIO Cycle Multiplexed D0 I/O INPCI, OPCI C3 VIO PWR --- --- --- C4 AD25 I/O INPCI, OPCI VIO Cycle Multiplexed D1 I/O INPCI, OPCI C5 GNT0# O OPCI VIO --- DID0 I (PD100) INSTRP Strap(SeeTable 2- 6onpage51.) C6 GNT1# O OPCI VIO --- DID1 I (PD100) INSTRP Strap(SeeTable 2- 6onpage51.) C7 VIO PWR --- --- --- C8 ROMCS# O O3/5 VIO --- BOOT16 I (PD100) INSTRP VIO Strap(SeeTable 2- 6onpage51.) C9 GPIO19 I/O (PU22.5) INTS, O3/5 VIO PMR[9] = 0 and PMR[4] = 0 INTC# I (PU22.5) INTS PMR[9] = 0 and PMR[4] = 1 IOCHRDY I (PU22.5) INTS1 PMR[9] = 1 and PMR[4] = 1 C10 VIO PWR --- --- --- C11 IRTX O O8/8 VIO PMR[6] = 0 SOUT3 O O8/8 PMR[6] = 1 C12 VSSCRT GND --- --- --- C13 AVCCCRT PWR --- --- --- C14 AVSSCRT GND --- --- --- C15 AVSSCRT GND --- --- --- Ball No. Signal Name I/O (PU/PD) Buffer1 Type Power Rail Configuration Table 2-4. 481-TEPBGA Ball Assignment - Sorted by Ball Number (Continued) |