| Moteur de recherche de fiches techniques de composants électroniques |
|
SC2200 Fiches technique(PDF) 33 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
SC2200 Fiches technique(HTML) 33 Page - National Semiconductor (TI) |
|
33 / 433 page ![]() Revision 3.0 33 www.national.com Signal Definitions (Continued) F_C/BE2# T3 F_C/BE3# T4 F_DEVSEL# AL15 F_FRAME# AB1 F_GNT0# AK14 F_IRDY# W1 F_STOP# AJ15 F_TRDY# AL14 FP_VDD_ON B23, AL16 FPCI_MON D3 FPCICLK U3 FRAME# E1 GNT0# D4 GNT1# D2 GPIO0 H1 GPIO1 H2, AL12 GPIO6 AH3 GPIO7 AH4 GPIO8 AJ2 GPIO9 AG4 GPIO10 AJ1 GPIO11 H30 GPIO12 AJ12 GPIO13 AL11 GPIO14 F1 GPIO15 G3 GPIO16 AL15 GPIO17 J4 GPIO18 A28 GPIO19 H4 GPIO20 H3, AJ13 GPIO32 AJ11 GPIO33 AL10 GPIO34 AK10 GPIO35 AJ10 GPIO36 AL9 GPIO37 AK9 GPIO38/IRRX2 AJ9 GPIO39 AL8 GPIO40 A21 GPIO41 C19 GPWIO0 E31 GPWIO1 G28 GPWIO2 G29 GREEN M3 GTEST AL5 GXCLK AL16 HSYNC J1 IDE_ADDR0 A26 Signal Name Ball No. IDE_ADDR1 C26 IDE_ADDR2 C17 IDE_CS0# A27 IDE_CS1# C16 IDE_DACK0# C25 IDE_DACK1# AH4 IDE_DATA0 B24 IDE_DATA1 A24 IDE_DATA2 D23 IDE_DATA3 C23 IDE_DATA4 B23 IDE_DATA5 A23 IDE_DATA6 C22 IDE_DATA7 B22 IDE_DATA8 A21 IDE_DATA9 C20 IDE_DATA10 A20 IDE_DATA11 C19 IDE_DATA12 B19 IDE_DATA13 A19 IDE_DATA14 C18 IDE_DATA15 B18 IDE_DREQ0 C24 IDE_DREQ1 AJ2 IDE_IOR0# C21 IDE_IOR1# AH3 IDE_IORDY0 A25 IDE_IORDY1 AJ1 IDE_IOW0# D24 IDE_IOW1# AG4 IDE_RST# A22 INIT# Y3 INTA# AE3 INTB# AF1 INTC# H4 INTD# B22 INTR_O AB2 IOCHRDY H4 IOCS0# J4 IOCS1# H2 IOCS1# AL12 IOR# F1 IOW# G3 IRDY# C8 IRQ9 C22 IRQ14 D25 IRQ15 H30 IRRX1 J28 IRTX J3 Signal Name Ball No. LAD0 AJ11 LAD1 AL10 LAD2 AK10 LAD3 AJ10 LDRQ# AL9 LED# D31 LFRAME# AK9 LOCK# C9 LPC_ROM E4 LPCPD# AJ9 MA0 R31 MA1 T31 MA2 T29 MA3 AE28 MA4 AE29 MA5 AE31 MA6 AD28 MA7 AD29 MA8 AD30 MA9 AD31 MA10 R29 MA11 AG28 MA12 AH29 MD0 J30 MD1 J31 MD2 K29 MD3 K30 MD4 K31 MD5 L29 MD6 L31 MD7 M29 MD8 AG30 MD9 AG29 MD10 AH31 MD11 AH30 MD12 AJ31 MD13 AG31 MD14 AF28 MD15 AF29 MD16 AL29 MD17 AL28 MD18 AK28 MD19 AJ28 MD20 AL27 MD21 AK27 MD22 AJ27 MD23 AH27 MD24 AL21 MD25 AJ22 Signal Name Ball No. Table 2-3. 432-EBGA Ball Assignment - Sorted Alphabetically by Signal Name (Continued) |