Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC2200 Fiches technique(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Fiches technique(HTML) 34 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 30Page - National Semiconductor (TI) SC2200 Datasheet HTML 31Page - National Semiconductor (TI) SC2200 Datasheet HTML 32Page - National Semiconductor (TI) SC2200 Datasheet HTML 33Page - National Semiconductor (TI) SC2200 Datasheet HTML 34Page - National Semiconductor (TI) SC2200 Datasheet HTML 35Page - National Semiconductor (TI) SC2200 Datasheet HTML 36Page - National Semiconductor (TI) SC2200 Datasheet HTML 37Page - National Semiconductor (TI) SC2200 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 433 page
background image
www.national.com
34
Revision 3.0
Signal Definitions (Continued)
MD26
AK22
MD27
AL22
MD28
AH23
MD29
AJ23
MD30
AK23
MD31
AL23
MD32
U31
MD33
U29
MD34
V31
MD35
V30
MD36
V29
MD37
W31
MD38
W30
MD39
W29
MD40
AC31
MD41
AB29
MD42
AB30
MD43
AB31
MD44
AA29
MD45
AA31
MD46
Y29
MD47
Y31
MD48
AH26
MD49
AL25
MD50
AJ25
MD51
AH25
MD52
AL24
MD53
AK24
MD54
AJ24
MD55
AH24
MD56
AJ17
MD57
AL17
MD58
AJ18
MD59
AK18
MD60
AL18
MD61
AJ19
MD62
AK19
MD63
AL19
NC (Total of 8)
AB3, AC1, AC2,
AD1, AD2, AD3,
AD4, AE1
ONCTL#
E30
OVER_CUR#
C27
PAR
C10
PC_BEEP
AL15
PCICLK
E2
PCICLK0
D3
PCICLK1
E4
PCIRST#
D1
Signal Name
Ball No.
PD0
AA1
PD1
Y1
PD2
W3
PD3
W2
PD4
V1
PD5
V2
PD6
V3
PD7
U1
PE
T3
PERR#
B9
PLL2B
D28
PLL5B
B29
PLL6B
C28
POR#
J29
POWER_EN
B28
PWRBTN#
E29
PWRCNT1
F31
PWRCNT2
G31
RASA#
N31
RD#
F3
RED
K1
REQ0#
C1
REQ1#
E3
RI2#
H30
ROMCS#
G4
RTS2#
AH4
SDATA_IN
AK14
SDATA_IN2
H31
SDATA_OUT
AK13
SDCLK_IN
AJ30
SDCLK_OUT
AH28
SDCLK0
AC29
SDCLK1
AH16
SDCLK2
AL20
SDCLK3
AJ16
SDTEST0
AH4
SDTEST1
AJ1
SDTEST2
AG4
SDTEST3
AJ4
SDTEST4
AJ2
SDTEST5
AH3
SERIRQ
AL8
SERR#
A9
SETRES
P2
SIN1
D26
SIN2
AJ4
SIN3
J28
SLCT
T4
Signal Name
Ball No.
SLIN#/ASTRB#
W1
SMI_O
Y3
SOUT1
B27
SOUT2
AK3
SOUT3
J3
STB#/WRITE#
AB1
STOP#
D9
SYNC
AL13
TCK
AL4
TDI
AK5
TDN
AL3
TDO
AH6
TDP
AH5
TEST0
D28
TEST1
C28
TEST2
B29
TEST3
AL16
TFT_PRSNT
AK13
TFTD0
C25, H3
TFTD1
D25, V3
TFTD10
C21, V1
TFTD11
A25, V2
TFTD12
C23, H2
TFTD13
B19, U1
TFTD14
D23, T3
TFTD15
A19, T4
TFTD16
A24, W1
TFTD17
C18, AB1
TFTD2
C26, AB2
TFTD3
A26, T1
TFTD4
C17, AA3
TFTD5
A27, Y3
TFTD6
B24, AA1
TFTD7
B18, Y1
TFTD8
C24, W3
TFTD9
D24, W2
TFTDCK
A22, J4
TFTDE
C16, U3
THRM#
F28
TMS
AJ5
TRDE#
H1
TRDY#
B8
TRST#
AK4
VBAT
D30
VCCCRT
K3
Signal Name
Ball No.
Table 2-3.
432-EBGA Ball Assignment - Sorted Alphabetically by Signal Name (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More