| Moteur de recherche de fiches techniques de composants électroniques |
|
SC2200 Fiches technique(PDF) 35 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
SC2200 Fiches technique(HTML) 35 Page - National Semiconductor (TI) |
|
35 / 433 page ![]() Revision 3.0 35 www.national.com Signal Definitions (Continued) VCORE (Total of 25) D11, D13, D15, D17, D19, D21, L4, L28, N4, N28, R4, R28, T30, U4, U28, W4, W28, AA4, AA28, AH11, AH13, AH15, AH17, AH19, AH21 VIO (Total of 32) A2, A30, B1, B6, B11, B16, B20, B25, B31, C3, C29, G2, G30, M2, M30, T2, Y2, Y30, AC3, AE2, AE30, AJ3, AJ29, AK1, AK6, AK11, AK16, AK20, AK25, AK31, AL2, AL30 VPCKIN AH7 VPD0 AH9 VPD1 AK8 VPD2 AJ8 VPD3 AL7 VPD4 AH8 VPD5 AL6 Signal Name Ball No. VPD6 AJ7 VPD7 AJ6 VPLL2 R1 VPLL3 C31 VREF P1 VSB F29 VSBL H28 VSS (Total of 57) A1, A31, B2, B7, B12, B15, B17, B21, B26, B30, D10, D12, D14, D18, D20, D22, F2, F30, K4, K28, L2, L30, M4, M28, P4, P28, R2, R30, U2, U30, V4, V28, Y4, Y28, AA2, AA30, AB4, AB28, AC4, AF2, AF30, AH10, AH12, AH14, AH18, AH20, AH22, AK2, AK7, AK12, AK15, AK17, AK21, AK26, AK30, AL1, AL31, Signal Name Ball No. VSSCRT K2 VSYNC J2 WEA# N29 WR# G1 X27I A29 X27O D27 X32I C30 X32O D29 Signal Name Ball No. Table 2-3. 432-EBGA Ball Assignment - Sorted Alphabetically by Signal Name (Continued) |