Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HAL856 Fiches technique(PDF) 17 Page - Micronas

No de pièce HAL856
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRONAS [Micronas]
Site Internet  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 Fiches technique(HTML) 17 Page - Micronas

Back Button HAL856 Datasheet HTML 13Page - Micronas HAL856 Datasheet HTML 14Page - Micronas HAL856 Datasheet HTML 15Page - Micronas HAL856 Datasheet HTML 16Page - Micronas HAL856 Datasheet HTML 17Page - Micronas HAL856 Datasheet HTML 18Page - Micronas HAL856 Datasheet HTML 19Page - Micronas HAL856 Datasheet HTML 20Page - Micronas HAL856 Datasheet HTML 21Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 102 page
background image
APPLICATION NOTE
HAL8xy, HAL100x
Programmer Board
Micronas
Sept. 19, 2013; APN000046_03EN
17
4. Operation Mode 0
Emulation of the Programmer Board V 4.1:
HAL805, HAL815, HAL817, HAL810, and HAL1000
This operation mode is the default mode. It is invoked after power-on or pushing the
reset button. Alternatively, this operation mode can be set by sending the “j0” com-
mand.
Communication:
PC
prog. board
Section 4.1 and Section 4.2 contain a detailed description of communication between
the PC and the programmer board V 5.1. In particular, all board commands available in
the operation mode “j0” are listed.
Communication:
prog. board
sensor
The communication between the programmer board and the Hall sensor is described in
Section 4.3
Data formats
The data formats for communication between both the PC and the board, and the
board and the sensor are summarized in Section 4.4
Programming
procedure
Finally, Section 4.5 depicts the programming procedure and gives an example of a
complete programming sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More